Part Number Hot Search : 
LV1017 LA112B L6238S 2SK3419 VF2010 AKD4345 ML520G54 SI850X
Product Description
Full Text Search
 

To Download NTC-T334K20TRA230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 features ? molded construction for high soldering heat resistance ? nine case sizes with many new extended range ratings ? both flow and reflow soldering applicable ? tape and reel packaging compatible with automatic pick and place equipment specifications and performance characteristics power dissipation @ 25c (free air) & equivalent series inductance (esl) ripple current correction factor: ripple current/voltage ratings: tantalum chip capacitors capacitance range 0.1 m f to 470 m f capacitance tolerance 20%(m), 10%(k) rated voltage range @ 85c (vdc) 2.5 4.0 6.3 10 16 20 25 35 50 surge voltage rating @ 85c (vdc) 3.3 5.2 8.0 13 20 26 33 46 65 derated voltage@ 125c (vdc) 1.6 2.5 4.0 6.3 10 13 16 22 32 operating temperature range -55 o c to + 85 o c (to +125 o c with derating) dissipation factor see case size and specifications table leakage current @ +25 o c (after 5 minutes at rated voltage) not more than 0.01 cv or 0.5 m a, whichever is greater capacitance change with temperature -55c +85c +125c a2, a, b2, b, c, d & e case size d c -12% d c 12% d c 15% j & p case size d c -20% d c 20% d c 20% soldering heat resistance (+260 o c for 5 seconds) d c 5%* max., lc = less than initial specification. df = less than initial specification. moisture resistance (500 hours; 90~95% rh @ 40 o c) d c 5%* max., lc = less than initial specification. df = 150% of initial specification temperature cycling (5 cycles; -55 o c ~ +125 o c) d c 5%* max, lc = less than initial specification. df = less than initial specification load life (at rated voltage) (2000 hours @ +85 o c) d c 10%* max, lc = 125% of initial specification. df = less than initial specification base failure rate (1.0 w /volt) 1%/1000 hours at 60% confidence level. (+85c) *12% ~ 15% for extended values, 20% for j & p case size values ambient temperature +25c +55c +85c +105c +125c correction factor 1.0 0.90 0.80 0.40 0.15 case code pd max. (w) esl (nh) p 0.025 1.00 a2 0.050 1.20 a 0.070 1.20 b2 0.070 1.50 b 0.080 1.50 c 0.110 2.70 d 0.150 3.00 e 0.165 3.00 ntc-t series tmax. = pd esr v max. = z ? pd esr tmax. = ripple current rating (arms) pd = power dissipation (watt) esr = equivalent series resistance (ohm) v max. = ripple voltage rating (vrms) z = the capacitors impedance (ohm) = (esr) 2 +(xl-xc) 2 new 0603 case size ntc-t 106 m 16 tr b( 60) f lead free (100% sn) optional esr case code packaging: tr=tape/reel voltage tolerance code capacitance code series part numbering system
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 standard and extended product specifications table tantalum chip capacitors * extended case sizes c h a r t s h o w s c a s e s i ze , m a x t a n d @ 120h z / +20 c , ma x . e s r @ 100k h z / + 20c cap. ( m f) code working voltage (vdc) 2.5 4.0 6.3 10 16 20 25 35 50 0.1 104 a2*6%/40 w a 4%/18 w a 4%/20 w 0.15 154 a2*6%325 w a 4%/18 w a 4%/19 w 0.22 224 a2*6%/35 w a 4%/18 w b 4%/14 w 0.33 334 p 10%/40 w a2*6%/30 w a 4%/15 w b 4%/10 w 0.47 474 p 10%/35 w a2*6%/27 w a 4%/14 w a*6%/12 w b 4%/8.0 w b 4%/9.0 w 0.68 684 p 10%/25 w p 10%/25 w a2*6%/25 w a2*6%/15 w a 4%/12 w a*6%/10 w a*6%/9.0 w b 4%/5.4 w c 4%/7.0 w 1.0 105 p 10%/25 w p 10%/25 w a2*8%/25 w j 10%/30 w p 20%/25 w a2*6%/16 w a 4%/10 w a2*6%/13 w a*6%/9.0 w a*6%/8.0 w a*6%/8.0 w b 4%/4.8 w c 4%/5.5 w 1.5 155 p 10%/25 w p 10%/25 w a2*8%/25 w j 20%/30 w p 20%/25 w a2*8%/20 w a 4%/8.0 w a2*6%/13 w a 4%/8.0 w a2*6%/13 w a*6%/6.5 w a*6%/8.0 w b 4%/4.6 w a*6%/8.0 w b*6%/4.0 w c 4%/3.0 w c 4%/4.0 w 2.2 225 p 10%/25 w p 10%/25 w a2*8%/25 w j 20%/20 w p 20%/20 w a2*8%/18 w a 4%/8.0 w j 20%/30 w p 20%/20 w a2*8%/12 w a 4%/7.0 w a2*6%/13 w a*6%/6.0 w a*6%/6.0 w b 4%/3.5 w a*6%/8.0 w b*6%/4.0 w b*6%/4.2 w c 4%/3.0 w d 4%/1.8 w 3.3 335 p 10%/25 w p 20%/20 w a2*8%/18 w a 4%/8.0 w j 20%/20 w p 20%/13 w a2*8%/9.0 w a 4%/7.5 w p 20%/20 w a2*8%/12 w a*8%/5.5 w a*6%/5.0 w b 4%/3.5 w a*6%/5.0 w b*6%/3.0 w b*6%/3.5 w c 4%/2.5 w b*6%/4.0 w c 4%/2.5 w d 4%/2.0 w d 4%/1.4 w 4.7 475 p 20%/20 w a2*8%/18 w p 20%/12 w a2*8%/10 w a 4%/7.5 w j 20%/15 w p 20%/12 w a2*8%/7.5 w a*8%/6.0 w p 20%/10 w a2*8%/8.0 w a*8%/5.0 w b 4%/3.5 w a*6%/5.0 w b*6%/3.0 w a*6%/5.0 w b*6%/3.0 w c 4%/2.4 w b*6%/3.0 w c 4%/2.4 w c*6%2.2 w d 4%/1.5 w d 4%/1.4 w 6.8 685 p 20%/20 w a2*8%/16 w j 20%/15 w p 20%/12 w a2*8%/8.0 w a*8%/6.0 w p 20%/12 w a2*8%/7.5 w a*8%/5.0 w b 6%/3.5 w a*8%/4.5 w b 8%/3.0 w a2*6%/5.0 w a*6%/5.0 w b2 6%/5.0 w b*6%/2.5 w c 6%/1.9 w b*6%/2.8 w c 6%/1.9 w c*6%/1.9 w d6%/1.4 w c*6%/1.9 w d 6%/1.3 w 10 106 j 20%/12 w p 20%/12 w a2*8%/15 w j 20%/12 w p 20%/12 w a2*12%/8.0 w a*8%/5.0 w b 6%/3.5 w p 20%/12 w a2*8%/10 w a*8%/4.0 w b 6%/3.0 w a2 8%/5.0 w a*8%/3.2 w b2*8%/3.2 w b*8%/2.5 w c 6%/1.8 w a 8%/5.0 w b2 8%/4.0 w b*6%/2.4 w c 6%/1.8 w b*6%/2.5 w c*6%/1.8 w d 6%/1.3 w c*6%/1.8 w d 6%/1.2 w d*6%/1.0 w 15 156 a2*12%/10 w a*8%/5.0 w p 20%/ a2*12%/8.0 w a*8%/4.0 w b*8%/3.0 w a2 12%/ a*8%/3.5 w b2*8%/3.5 w b*8%/2.5 w c 6%/1.8 w b2*8%/2.5 w c 6%/1.8 w b2*6%/2.5 w c*6%/1.8 w d 6%/1.8 w c*6%/1.7 w d 6%/0.8 w d*6%/1.0 w d*6%/0.9 w 22 226 a2*12%/10 w a*8%/4.0 w p 20%/5.0 w a2 12%/4.0 w a*8%/3.5 w b2*8%/3.5 w b*8%/2.8 w c 6%/1.8 w a*10%/4.5 w b2*12%/4.5 w b*8%/2.3 w c 6%/1.8 w b2 12%/4.0 w b*8%/2.4 w c*8%/1.8 w d 6%/1.5 w b*6%/2.5 w c*6%/1.6 w d 6%/0.8 w c*6%/1.5 w d*6%/0.8 w d*6%/0.8 w ntc-t series
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 dimensions (mm) j, p, a, a2, c, d & e case size b & b2 case size tantalum chip capacitors case code metric code english code l w h p a j 1608 0603 1.6 0.1 0.8 0.1 0.8 0.1 0.3 0.15 0.6 0.1 p 2012 0805 2.0 0.2 1.25 0.2 1 .2 max. 0.5 0.2 0.9 0.1 a 3216 1206 3.2 0.2 1.6 0.2 1.6 0.2 0 .8 0.3 1.2 0.1 a2 3216 1206 3.2 0.2 1.6 0.2 1 .2 max. 0.8 0.3 1.2 0.1 b 3528 1411 3.5 0.2 2.8 0.2 1.9 0.2 0 .8 0.3 2 .2 0.1 b2 3528 1411 3.5 0.2 2.8 0.2 1.2 max. 0.8 0.3 2 .3 0.1 c 6032 2412 6.0 0.3 3.2 0.3 2.6 0.3 1.3 0.3 2.2 0.1 d 7343 2916 7.3 0.2 4.3 0.2 2.9 0.3 1.3 0.3 2.4 0.1 e 7343h 2917 7.3 0.2 4.3 0.2 4.1 0.2 1.3 0.3 2.4 0.1 l w 1 w 2 h p p ntc-t series l w a h p p * extended case sizes c h a r t s h o w s c a s e s i ze , m a x t a n d @ 120h z / +20 c , ma x . e s r @ 100k h z / + 20c cap. ( m f) code working voltage (vdc) 2.5 4.0 6.3 10 16 20 25 35 50 33 336 p 20%/5.0 w a * 8%/3.5 w b2 * 8%/3.5 w b * 8%/3.0 w a*10%/4.5 w b2*12%/4.5 w b*8%/2.4 w c 6%/1.8 w a 12%/5.0 w b*8%/2.0 w c*8%/1.8 w d 6%/1.5 w b*8%/2.0 w c*8%/1.6 w d 6%/0.8 w c*6%/1.2 w d*6%/0.8 w d*6%/0.8 w 47 476 a*12%/4.5 w b2*12%/4.5 w b*8%/2.4 w a 12%/5.0 w b2 12%/3.0 w b*8%/2.0 w c*8%/1.8 w d 6%/1.2 w b2 12%/3.0 w b*8%/2.0 w c*8%/1.6 w d 6%/0.8 w b 8%/3.0 w c*8%/1.6 w d*8%/0.8 w c*6%/1.2 w d*6%/0.8 w d*6%/0.8 w 68 686 a 18%/3.0 w b*8%/2.0 w b2 15%/3.0 w b*8%/2.0 w c*8%/1.6 w d 6%/0.8 w b*10%/1.8 w c*8%/1.2 w d*8%/0.8 w c*8%/1.2 w d*8%/0.8 w d*6%/0.7 w 100 107 b2 18%/2.0 w b*8%/2.0 w b*12%/2.0 w c*8%/1.2 w d*8%/0.8 w b 12%/1.2 w c*10%/0.9 w d*8%/0.8 w c 10%/1.2 w d*8%/0.7 w d*10%/1.0 w 150 157 b*16%/5.0 w b 18%/2.0 w c*10%/1.0 d*8%/0.7 w c 10%/1.2 w d*8%/0.7 w d*10%/0.7 w d*6%/0.9 220 227 b 18%/2.0 w c*12%/1.0 w c 12%/1.2 w d*8%/0.7 w c 14%/1.2 w d*12%/0.8 w d 12%/1.0 w e*8%/0.9 w 330 337 c 16%/1.2 w c 14%/1.2 w d*14%/0.7 w d 14%/1.0 w 470 477 c 18%/1.2 w d*14%/0.7 w d 16%/1.0 w standard and extended product specifications table
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 capacitance codes voltage codes component marking recommended land pattern dimensions (mm) volts code 2.5 e 4g 6.3 j 10 a 16 c 20 d 25 e 35 v 50 h c225 22 16n 3.3 25 b, b2 and d1 case size 2.5v marked 2, 6.3v marked 6 c and d case size 2.5v marked 2, 6.3v marked 6 gn voltage code capacitance code p case size voltage code capacitance code a and a2 case size case size a b c j 0.90 0.70 1.00 p 1.05 0.50 1.20 a & a2 1.35 1.10 1.50 b & b2 1.35 1.40 2.70 c 2.00 2.90 2.70 d1 2.00 2.70 2.90 d 2.05 4.10 2.90 a b a c 300 260 200 150 100 50 0 30 60 120 150 180 5 ~ 10 sec. max. flow/reflow soldering maximum temperature/time: flow 260c/5 sec. reflow 260c/10 sec. tantalum chip capacitors ntc-t series g capacitance/voltage code j case size date code cap. ( m f) std eia code eia code 198d code for p case size code for j case size 2.5vdc 4vdc 6.3vdc 0.1 104 a5 - - - - 0.15 154 e5 - - - - 0.22 224 j5 - - - - 0.33 334 n5 n - - - 0.47 474 s5 s - - - 0.68 684 w5 w - - - 1.0 105 a6 a - - - 1.5 155 e6 e - - - 2.2 225 j6 j - - 3.3 335 n6 n - - 4.7 475 s6 s - j 6.8 685 w6 w - g - 10 106 a7 a e - 22 226 j7 - - - - production code 2000 jan feb mar apr may jun jul aug sep oct nov dec 2001 jan feb mar apr may jun jul aug sep oct nov dec g g j j polarity marking (anode) polarity marking (anode) polarity marking (anode) polarity marking (anode) polarity marking (anode)
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 reel dimensions (mm) tape dimensions (mm) tantalum chip capacitors ntc-t series cover tape peel-off specification 1. peel-off speed : 300 mm/min. 2. peel-off force : f = 30 - 75g 3. peel-off angle : q = 0 - 15 cover tape peel-off speed (f) = 50mm/sec. f metric code case code a 0 0.2 b 0 0.2 w .30 f .05 p 0 0.1 p 1 0.1 p 2 0.05 g 0.1 k 0.2 t 7" reel 1608 j 1.0 1.8 8.0 3.5 4.0 4.0 2.0 1.75 1.1 0.2 4000 2012 p 1.4 2.2 8.0 3.5 4.0 4.0 2.0 1.75 1.4 0.2 3000 3216 a2 1.9 3.5 8.0 3.5 4.0 4.0 2.0 1.75 1.4 0.2 3000 3216 a 1.9 3.5 8.0 3.5 4.0 4.0 2.0 1.75 1.9 0.2 2000 3528 b2 3.2 3.8 8.0 3.5 4.0 4.0 2.0 1.75 1.4 0.2 3000 3528 b 3.2 3.8 8.0 3.5 4.0 4.0 2.0 1.75 2.1 0.2 2000 6032 c 3.7 6.4 12.0 5.65 4.0 8.0 2.0 1.5 3.0 0.3 500 7343 d 4.8 7.7 12.0 5.65 4.0 8.0 2.0 1.5 3.3 0.3 500 7343h e 4.7 7.7 12.0 5.5 4.0 8.0 2.0 1.5 4.5 0.6 500 1.5+0.1 p 0 p 2 p 1 a 0 b 0 f w g k t cover tape anode + tape width a c d e n w1 w2 8mm 178 + 2.0 13 + 0.5 21 + 0.5 2.0 + 0.5 50 min. 10 + 2.0 14.5 max 12mm 178 + 2.0 13 + 0.5 21 + 0.5 2.0 + 0.5 50 min. 14.5 + 2.0 18.5 max e d c w1 w2 n a


▲Up To Search▲   

 
Price & Availability of NTC-T334K20TRA230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X